Part Number Hot Search : 
40N60 UFV14 SW12220E W14902 FDH40097 ATU18352 LV4126W S3C7434
Product Description
Full Text Search
 

To Download BAS70S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BAS70S
SOT-23 SCHOTTKY DIODE
FEATURES
* Low Turn-on voltage * Fast switching * Ultra-small surface mount package * Also available in lead free version
SOT-23
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.008 gram
0.055(1.40) 0.047(1.20) 0.006(0.15) 0.003(0.08) 0.020(0.50) 0.012(0.30)
0.043(1.10) 0.035(0.90) 0.004(0.10) 0.000(0.00)
0.020(0.50) 0.012(0.30)
0.100(2.55) 0.089(2.25)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
O
0.019(2.00) 0.071(1.80)
0.118(3.00) 0.110(2.80)
Dimensions in inches and (millimeters) MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted ) RATINGS DC Voltage Forward Continuous Current Max. Steady State Power Dissipation Max. Operating Temperature Range Storage Temperature Range @TA=25oC SYMBOL VR IF PD TJ TSTG VALUE 70 70 200 150 -55 to +150 UNITS V mA mW
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Reverse breakdown voltage (IR=10A) Reverse voltage leakage current (VR=50V) Forward voltage (IF=1mA) VF (IF=15mA) Diode capacitance (VR=0,f=1MHz) Reveres recovery time (IF=IR=10mA,Irr=0.1 X IR, RL=100 CD 1000 2 5 pF nS 2006-3 SYMBOL V(BR)R IR MIN. 70 TYP. MAX. 100 410 mV UNITS V nA
trr
RATING AND CHARACTERISTICS CURVES ( BAS70S)
IF,INSTANTANEOUS FORWARD CURRENT(mA) 100
TA=125 C TA=75 C
O O
10
TA=25 C
O
1.0
TA= 0 C TA= -40 C
O O
0.1 01 0.2 0.4
0.6
0.8
1.0
1.2
1.4
1.6
VF,INSTANTANEOUS FORWARD VOLTAGE(V)
Figure 1 Typical Forward Characteristics
IR,INSTANTANEOUS REVERSE CURRENT(nA) 10000
TA=125 C
O
1.8 CT,TOTAL CAPACITANCE(pF) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
f=1.0MHz
1000 100
TA= 75 C
O
10
TA= 25 C TA= 0 C
O
O
1 0.1
TA= -40 C
O
0 0 10 20 30 40 50 60 70 0 5 10 15 20 25 30 35 40
VR,REVERSE VOLTAGE(V) VR,REVERSE VOLTAGE(V)
Figure 2 Typical Reverse Characteristics
250 Pd,POWER DISSIPATION(mW)
Figure 3 Typical Capacitance
200
150
100
50 0
0
100
TA,AMBIENT TEMPERATURE(OC)
200
Figure 4 Power Derating Curve,Total Package
RECTRON
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.
RECTRON


▲Up To Search▲   

 
Price & Availability of BAS70S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X